| Moteur de recherche de fiches techniques de composants électroniques |
|
ST10F272Z2Q3 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F272Z2Q3 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 189 page ![]() ST10F272Z2 Functional description 21/189 3 Functional description The architecture of the ST10F272Z2 combines advantages of both RISC and CISC processors and an advanced peripheral subsystem. The block diagram gives an overview of the different on-chip components and the high bandwidth internal bus structure of the ST10F272Z2. Figure 3. Block diagram BRG BRG Port 6 Port 5 CPU-Core and MAC Unit XCAN2 XSSC XASC XCAN1 XI2C XRAM1 2K XRAM2 16K (STBY) (PEC) IFLASH 256K 32 16 16 16 16 16 16 16 16 PEC Interrupt Controller Port 3 Port 7 Port 8 16 Watchdog IRAM 2K 16 XRTC Oscillator PLL 5 V-1.8 V Voltage Regulator 16 16 8 816 15 8 8 16 16 32kHz Oscillator XPWM 16 16 |