Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD55008-E Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce PD55008-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008-E Fiches technique(HTML) 4 Page - STMicroelectronics

  PD55008-E Datasheet HTML 1Page - STMicroelectronics PD55008-E Datasheet HTML 2Page - STMicroelectronics PD55008-E Datasheet HTML 3Page - STMicroelectronics PD55008-E Datasheet HTML 4Page - STMicroelectronics PD55008-E Datasheet HTML 5Page - STMicroelectronics PD55008-E Datasheet HTML 6Page - STMicroelectronics PD55008-E Datasheet HTML 7Page - STMicroelectronics PD55008-E Datasheet HTML 8Page - STMicroelectronics PD55008-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical characteristics
PD55008-E, PD55008S-E
4/25
Doc ID 12259 Rev 2
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
2.3
Moisture sensitivity level
Table 4.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0
1
µA
VGS(Q)
VDS = 10 V
ID = 150 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 1.5 A
0.67
V
gFS
VDS = 10 V
ID = 1.5 A
1.6
mho
CISS
VGS = 0
VDS = 12.5 V
f = 1 MHz
58
pF
COSS
VGS = 0
VDS = 12.5 V
f = 1 MHz
38
pF
CRSS
VGS = 0
VDS = 12.5 V
f = 1 MHz
2.8
pF
Table 5.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 12.5 V, IDQ = 150 mA
f = 500 MHz
8
W
GP
VDD = 12.5 V, IDQ = 150 mA, POUT = 8 W, f = 500 MHz
15
17
dB
nD
VDD = 12.5 V, IDQ = 150 mA, POUT = 8 W, f = 500 MHz
50
55
%
Load
mismatch
VDD = 15.5 V, IDQ = 150 mA, POUT = 8 W, f = 500 MHz
All phase angles
20:1
VSWR
Table 6.
Moisture sensitivity level
Test methodology
Rating
J-STD-020B
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25