Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95512-WCS6G/AB Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M95512-WCS6G/AB
Description  512 Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95512-WCS6G/AB Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M95512-WCS6G/AB Datasheet HTML 5Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 6Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 7Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 8Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 9Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 10Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 11Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 12Page - STMicroelectronics M95512-WCS6G/AB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
M95512-W, M95512-R
Signal description
Doc ID 11124 Rev 13
9/48
2.6
Write Protect (W)
The main purpose of this input signal is to freeze the size of the area of memory that is
protected against Write instructions (as specified by the values in the BP1 and BP0 bits of
the Status Register).
This pin must be driven either high or low, and must be stable during all write instructions.
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48