| Moteur de recherche de fiches techniques de composants électroniques |
|
L6730 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6730 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 52 page ![]() L6730 demonstration board L6730 - L6730B 40/52 Doc ID 11938 Rev 3 Figure 37. Demonstration board schematic Table 8. Demonstration board part list Reference Value Manufacturer Package Supplier R1 820 Ω Neohm SMD 0603 IFARCAD R2 0 Ω Neohm SMD 0603 IFARCAD R3 N.C. R4 10Ω 1% 100mW Neohm SMD 0603 IFARCAD R5 11K 1% 100mW Neohm SMD 0603 IFARCAD R6 6K2 1% 100mW Neohm SMD 0603 IFARCAD R7 4K3 1% 100mW Neohm SMD 0603 IFARCAD R8 2K7 1% 100mW Neohm SMD 0603 IFARCAD R9 1K8 1% 100mW Neohm SMD 0603 IFARCAD R10 1K2 1% 100mW Neohm SMD 0603 IFARCAD R11 2K7 1% 100mW Neohm SMD 0603 IFARCAD R12 1K Neohm SMD 0603 IFARCAD R13 2K7 1% 100mW Neohm SMD 0603 IFARCAD |