Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6720 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STM6720
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6720 Fiches technique(HTML) 4 Page - STMicroelectronics

  STM6720 Datasheet HTML 1Page - STMicroelectronics STM6720 Datasheet HTML 2Page - STMicroelectronics STM6720 Datasheet HTML 3Page - STMicroelectronics STM6720 Datasheet HTML 4Page - STMicroelectronics STM6720 Datasheet HTML 5Page - STMicroelectronics STM6720 Datasheet HTML 6Page - STMicroelectronics STM6720 Datasheet HTML 7Page - STMicroelectronics STM6720 Datasheet HTML 8Page - STMicroelectronics STM6720 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
List of figures
STM6717/6718/6719/6720/STM6777/6778/6779/6780
4/30
Doc ID 11469 Rev 7
List of figures
Figure 1.
Logic diagram (STM6717/18) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Logic diagram (STM6777/78) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Logic diagram (STM6719/20) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
Logic diagram (STM6779/80) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 5.
STM6717/18 SOT23-5 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
STM6777/78 SOT23-6 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 7.
STM6719/20 SOT23-6 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 8.
STM6779/80 SOT23-6 connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 9.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 10.
Hardware hookup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 11.
STM67xx interface to processor with bi-directional reset pins . . . . . . . . . . . . . . . . . . . . . . 10
Figure 12.
Ensuring RST valid to VCC = 0 (active-low, push-pull outputs). . . . . . . . . . . . . . . . . . . . . . 10
Figure 13.
Supply current vs. temperature (VCC1 = 5.5 V; VCC2 = 3.6 V) . . . . . . . . . . . . . . . . . . . . . . 11
Figure 14.
Supply current vs. temperature (VCC1 = 3.6 V; VCC2 = 2.75 V) . . . . . . . . . . . . . . . . . . . . . 11
Figure 15.
Supply current vs. temperature (VCC1 = 3.0 V; VCC2 = 2.0 V) . . . . . . . . . . . . . . . . . . . . . . 12
Figure 16.
Supply current vs. temperature (VCC1 = 2.0 V; VCC2 = 1.0 V) . . . . . . . . . . . . . . . . . . . . . . 12
Figure 17.
Normalized VCC reset time-out period vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 18.
Maximum VCC transient duration vs. reset threshold overdrive . . . . . . . . . . . . . . . . . . . . . 13
Figure 19.
Normalized VRST1 threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 20.
Normalized VRST2 threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 21.
Reset input threshold vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 22.
VCC1-to-reset delay vs. temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 23.
Reset input-to-reset output delay vs. temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 24.
MR-to-reset output delay vs. temperature (VCC1 = 3.6V) . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 25.
AC testing input/output waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 26.
MR timing waveform (STM6717/18/19/20) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 27.
MR timing waveform (STM6777/78/79/80) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 28.
SOT23-5 – 5-lead small outline transistor package mechanical drawing . . . . . . . . . . . . . . 23
Figure 29.
SOT23-6 – 6-lead small outline transistor package mechanical drawing . . . . . . . . . . . . . . 24
Figure 30.
Carrier tape for SOT23-5L and SOT23-6L . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30