Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGF10NC60KD Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STGF10NC60KD
Description  10 A, 600 V short-circuit rugged IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF10NC60KD Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STGF10NC60KD Datasheet HTML 9Page - STMicroelectronics STGF10NC60KD Datasheet HTML 10Page - STMicroelectronics STGF10NC60KD Datasheet HTML 11Page - STMicroelectronics STGF10NC60KD Datasheet HTML 12Page - STMicroelectronics STGF10NC60KD Datasheet HTML 13Page - STMicroelectronics STGF10NC60KD Datasheet HTML 14Page - STMicroelectronics STGF10NC60KD Datasheet HTML 15Page - STMicroelectronics STGF10NC60KD Datasheet HTML 16Page - STMicroelectronics STGF10NC60KD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STGx10NC60KD
Package mechanical data
Doc ID 11423 Rev 6
13/20
Figure 22.
D2PAK package drawing
Table 9.
D2PAK package mechanical data
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
A1
0.03
0.23
0.001
0.009
b
0.70
0.93
0.027
0.037
b2
1.14
1.70
0.045
0.067
c
0.45
0.60
0.017
0.024
c2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
7.50
0.295
E
10
10.40
0.394
0.409
E1
8.50
0.334
e
2.54
0.1
e1
4.88
5.28
0.192
0.208
H
15
15.85
0.590
0.624
J1
2.49
2.69
0.099
0.106
L
2.29
2.79
0.090
0.110
L1
1.27
1.40
0.05
0.055
L2
1.30
1.75
0.051
0.069
R
0.4
0.016
V2
0°
8°
0°
8°
0079457_M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20