Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR750FV1 Fiches technique(PDF) 63 Page - STMicroelectronics

No de pièce STR750FV1
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FV1 Fiches technique(HTML) 63 Page - STMicroelectronics

Back Button STR750FV1 Datasheet HTML 59Page - STMicroelectronics STR750FV1 Datasheet HTML 60Page - STMicroelectronics STR750FV1 Datasheet HTML 61Page - STMicroelectronics STR750FV1 Datasheet HTML 62Page - STMicroelectronics STR750FV1 Datasheet HTML 63Page - STMicroelectronics STR750FV1 Datasheet HTML 64Page - STMicroelectronics STR750FV1 Datasheet HTML 65Page - STMicroelectronics STR750FV1 Datasheet HTML 66Page - STMicroelectronics STR750FV1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Electrical parameters
63/84
Figure 28.
SPI configuration - master mode, single transfer
Figure 29.
SPI configuration - master mode, continuous transfer, CPHA=0
Figure 30.
SPI configuration - master mode, continuous transfer, CPHA=1
NSS OUTPUT
CPHA=0
MOSI OUTPUT
MISO INPUT
CPHA=0
CPHA=1
CPHA=1
tc(SCK)
tw(SCKH)
tw(SCKL)
th(MISO)
tsu(MISO)
tSCKQV
tSCKQX
MSB IN
MSB OUT
BIT IN
BIT OUT
LSB OUT
LSB IN
CPOL=0
CPOL=1
CPOL=0
CPOL=1
tr(SCK)
tf(SCK)
tNSSLQV
tSCKNSSH (CPHA=0)
sample
edge
trigger
edge
sample
edge
trigger
edge
trigger
edge
trigger
edge
sample
edge
sample
edge
tSCKQX
tSCKNSSH (CPHA=1)
1 OR 0
DONT CARE
DONT
CARE
1 OR 0
NSS OUTPUT
sample
MOSI OUTPUT
MISO INPUT
trigger
MSB IN
MSB OUT
sample
trigger sample
trigger
sample
trigger sample
trigger
LSB IN
LSB OUT
sample
trigger
MSB IN
MSB OUT
sample
DONT CARE
DONT CARE
1.5*tc(SCK)
tc(SCK)
CPOL=0
CPOL=1
FRAME 1
FRAME 2
1 OR 0
tNSSLQV
tNSSLQV
NSS OUTPUT
trigger
MOSI OUTPUT
MISO INPUT
sample
MSB IN
MSB OUT
trigger
sample trigger
sample trigger
samlpe trigger
sample
LSB IN
LSB OUT
trigger
sample
MSB IN
MSB OUT
trigger
DONT CARE
tc(SCK)
CPOL=0
CPOL=1
FRAME 1
FRAME 2
sample trigger
sample trigger
1 OR 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com