Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDS3985M25R Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce LDS3985M25R
Description  Ultra low drop-low noise BiCMOS 300 mA voltage regulator for use with very low ESR output capacitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDS3985M25R Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button LDS3985M25R Datasheet HTML 12Page - STMicroelectronics LDS3985M25R Datasheet HTML 13Page - STMicroelectronics LDS3985M25R Datasheet HTML 14Page - STMicroelectronics LDS3985M25R Datasheet HTML 15Page - STMicroelectronics LDS3985M25R Datasheet HTML 16Page - STMicroelectronics LDS3985M25R Datasheet HTML 17Page - STMicroelectronics LDS3985M25R Datasheet HTML 18Page - STMicroelectronics LDS3985M25R Datasheet HTML 19Page - STMicroelectronics LDS3985M25R Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
LDS3985xx
16/20
Doc ID 11039 Rev 7
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N60
2.362
T
14.4
0.567
Ao
3.133.233.33
0.123
0.127
0.131
Bo
3.07
3.17
3.27
0.120
0.124
0.128
Ko
1.27
1.37
1.47
0.050
0.054
0.0.58
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
3.9
4.0
4.1
0.153
0.157
0.161
Tape & reel SOT23-xL mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20