Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBD701G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MBD701G
Description  Silicon Hot-Carrier Diodes Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD701G Fiches technique(HTML) 3 Page - ON Semiconductor

  MBD701G Datasheet HTML 1Page - ON Semiconductor MBD701G Datasheet HTML 2Page - ON Semiconductor MBD701G Datasheet HTML 3Page - ON Semiconductor MBD701G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBD701, MMBD701LT1
http://onsemi.com
3
PACKAGE DIMENSIONS
CASE 182−06
ISSUE L
TO−92 (TO−226AC)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND ZONE R IS
UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
A
L
K
B
R
P
D
H
G
XX
SEATING
PLANE
12
V
N
C
N
SECTION X−X
D
J
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.21
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.050 BSC
1.27 BSC
H
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.500
---
12.70
---
L
0.250
---
6.35
---
N
0.080
0.105
2.03
2.66
P
---
0.050
---
1.27
R
0.115
---
2.93
---
V
0.135
---
3.43
---
STYLE 1:
PIN 1. ANODE
2. CATHODE



Html Pages

1 2 3 4