| Moteur de recherche de fiches techniques de composants électroniques |
|
M95512-WDW6TP/AB Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95512-WDW6TP/AB Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 48 page ![]() M95512-W, M95512-R Part numbering Doc ID 11124 Rev 13 43/48 12 Part numbering Table 23. Ordering information scheme Example: M95512 – W MN 6 T P /AB Device type M95 = SPI serial access EEPROM Device function 512 = 512 Kbit (65536 × 8) 512-D = 512 Kbit (65536 × 8) plus Identification page Operating voltage W = VCC = 2.5 V to 5.5 V R = VCC = 1.8 V to 5.5 V Package MN = SO8 (150 mil width) DW = TSSOP8 (169 mil width) MB = UFDFPN8 (MLP8) CS = WLCSP Device grade 6 = Industrial temperature range, –40 to 85 °C. Device tested with standard test flow 3 = Device tested with high reliability certified flow(1). Automotive temperature range (–40 to 125 °C) 1. ST strongly recommends the use of the automotive grade devices for use in an automotive environment. The high reliability certified flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy. Option blank = Standard packing T = Tape and reel packing Plating technology P or G = ECOPACK® (RoHS compliant) Process(2) /AB = F8L /K = F8H |