Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMSD301T1 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce MMSD301T1
Description  SOD-123 Schottky Barrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSD301T1 Fiches technique(HTML) 3 Page - ON Semiconductor

  MMSD301T1 Datasheet HTML 1Page - ON Semiconductor MMSD301T1 Datasheet HTML 2Page - ON Semiconductor MMSD301T1 Datasheet HTML 3Page - ON Semiconductor MMSD301T1 Datasheet HTML 4Page - ON Semiconductor MMSD301T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMSD301T1G, MMSD701T1G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
MMSD301T1
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Total Capacitance
IF, FORWARD CURRENT (mA)
Figure 2. Minority Carrier Lifetime
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Reverse Leakage
VF, FORWARD VOLTAGE (VOLTS)
Figure 4. Forward Voltage
KRAKAUER METHOD
f=1.0MHz
0.2
0.4
0.6
0.8
1.0
1.2
0
6.0
12
18
24
10
1.0
0.1
0.01
0.001
020
40
60
500
0
80
100
0
3.0
6.0
9.0
12
15
21
2.8
30
24
27
18
2.4
2.0
1.6
1.2
0.8
0
100
10
1.0
0.1
30
10
30
50
70
90
400
300
200
100
0.4
TA =-- 40C
TA =85C
TA =25C
TA = 100C
TA =75C
TA =25C
MMSD301T1
MMSD301T1
MMSD301T1
MMSD301T1



Html Pages

1 2 3 4 5