Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM706ADS6F Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM706ADS6F
Description  5 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706ADS6F Fiches technique(HTML) 5 Page - STMicroelectronics

  STM706ADS6F Datasheet HTML 1Page - STMicroelectronics STM706ADS6F Datasheet HTML 2Page - STMicroelectronics STM706ADS6F Datasheet HTML 3Page - STMicroelectronics STM706ADS6F Datasheet HTML 4Page - STMicroelectronics STM706ADS6F Datasheet HTML 5Page - STMicroelectronics STM706ADS6F Datasheet HTML 6Page - STMicroelectronics STM706ADS6F Datasheet HTML 7Page - STMicroelectronics STM706ADS6F Datasheet HTML 8Page - STMicroelectronics STM706ADS6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
STM705, STM706, STM707, STM708, STM813L
Description
Doc ID 10520 Rev 9
5/33
1
Description
The STM705/706/707/708/813L supervisors are self-contained devices which provide
microprocessor supervisory functions. A precision voltage reference and comparator
monitors the VCC input for an out-of-tolerance condition. When an invalid VCC condition
occurs, the reset output (RST) is forced low (or high in the case of RST).
These devices also offer a watchdog timer (except for STM707/708) as well as a power-fail
comparator to provide the system with an early warning of impending power failure.
These devices are available in a standard 8-pin SOIC package or a space-saving 8-pin
TSSOP package.
Figure 1.
Logic diagram (STM705/706/813L)
1.
For STM705/706 only.
2.
For STM813L only.
Figure 2.
Logic diagram (STM707/708)
AI08825
VCC
STM705/706;
STM813L
VSS
WDO
RST
(1)
WDI
PFI
MR
RST
(2)
PFO
AI08826
VCC
STM707/708
VSS
RST
RST
MR
PFI
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32