Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM692ADS6F Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STM692ADS6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM692ADS6F Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STM692ADS6F Datasheet HTML 20Page - STMicroelectronics STM692ADS6F Datasheet HTML 21Page - STMicroelectronics STM692ADS6F Datasheet HTML 22Page - STMicroelectronics STM692ADS6F Datasheet HTML 23Page - STMicroelectronics STM692ADS6F Datasheet HTML 24Page - STMicroelectronics STM692ADS6F Datasheet HTML 25Page - STMicroelectronics STM692ADS6F Datasheet HTML 26Page - STMicroelectronics STM692ADS6F Datasheet HTML 27Page - STMicroelectronics STM692ADS6F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Typical operating characteristics
STM690A/692A/703/704/802/805/817/818/819
24/43
Doc ID 10522 Rev 10
Figure 25.
Normalized reset threshold vs. temperature
Figure 26.
Watchdog time-out period vs. temperature
Temperature (
°C)
AI09145b
0.996
0.998
1.000
1.002
1.004
–40
–20
0
20
40
60
80
100
120
Temperature (
°C)
AI09146b
1.60
1.65
1.70
1.75
1.80
1.85
1.90
–40
–20
0
20
40
60
80
100
120
VCC = 3.0V
VCC = 4.5V
VCC = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43