Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM706PM6E Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM706PM6E
Description  3 V supervisor
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706PM6E Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM706PM6E Datasheet HTML 9Page - STMicroelectronics STM706PM6E Datasheet HTML 10Page - STMicroelectronics STM706PM6E Datasheet HTML 11Page - STMicroelectronics STM706PM6E Datasheet HTML 12Page - STMicroelectronics STM706PM6E Datasheet HTML 13Page - STMicroelectronics STM706PM6E Datasheet HTML 14Page - STMicroelectronics STM706PM6E Datasheet HTML 15Page - STMicroelectronics STM706PM6E Datasheet HTML 16Page - STMicroelectronics STM706PM6E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Operation
Doc ID 10518 Rev 10
13/33
3.7
Interfacing to microprocessors with bi-directional reset pins
Microprocessors with bi-directional reset pins can contend with the STM70x reset output.
For example, if the reset output is driven high and the micro wants to pull it low, signal
contention will result. To prevent this from occurring, connect a 4.7k
Ω resistor between the
reset output and the micro's reset I/O as in Figure 11.
Figure 11.
Interfacing to microprocessors with bi-directional reset I/O
AI08845
STM70x
RST
GND
4.7 k
Ω
VCC
Microprocessor
RST
Buffered reset to other
system components
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33