Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV224XH Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STV224XH
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV224XH Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STV224XH Datasheet HTML 72Page - STMicroelectronics STV224XH Datasheet HTML 73Page - STMicroelectronics STV224XH Datasheet HTML 74Page - STMicroelectronics STV224XH Datasheet HTML 75Page - STMicroelectronics STV224XH Datasheet HTML 76Page - STMicroelectronics STV224XH Datasheet HTML 77Page - STMicroelectronics STV224XH Datasheet HTML 78Page - STMicroelectronics STV224XH Datasheet HTML 79Page - STMicroelectronics STV224XH Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
76/86
Figure 53. Second CVBS Video Switch Output
Figure 54. Beam Current Limiter Control Voltage and Safety Input
VCC1 (8 V)
GND1
GND1
GND1
GND1
GND1
GND1
CVBSOUT2
Pin 44 (SDIP56)
VCC1 (8 V)
GND1
GND1
GND1
GND1
GND1
GND1GND1
BCL/SAF
Pin 46 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86