| Moteur de recherche de fiches techniques de composants électroniques |
|
STV2249 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2249 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 86 page ![]() September 2009 Doc ID 9771 Rev 4 1/86 STV224X, STV228X, STV223X I²C bus-controlled multistandard single chip TV processor ■ I²C Bus Control ■ PIF Circuit with PLL Demodulation (Positive and Negative Video) ■ SIF Circuit with QSS Structure, FM Demodulation and AM Demodulation for France ■ Intercarrier Capability ■ Built-in Sound Bandpass ■ Sound Subcarrier Output for Stereo Chassis (FM, NICAM) ■ Audio FM wide mode ■ Audio Switch and Volume Control (Mono Chassis) ■ AVL (Automatic Volume Levelling) ■ Integrated Chroma Filters and Luma Delay Line ■ Integrated Chroma Delay Line ■ Video Switch (3 CVBS In, 2 CVBS Out) ■ SVHS Switch (Y Combined with CVBS3 Input) ■ OSD RGB Inputs ■ External RGB/YCrCb Inputs or YUV Interface ■ PAL / SECAM / NTSC Chroma Demodulators ■ Auto Flesh Control Capability in NTSC mode ■ South America Capability (PAL-M / PAL-N / NTSC) ■ Chroma Subcarrier Output ■ Black Stretch Circuit ■ Peaking Circuit ■ Automatic Cut-off Current Loop ■ Manual Cut-off possible for low-cost applications ■ Two Horizontal Deflection PLLs ■ Vertical Countdown ■ Half Contrast ■ APR (Automatic RGB Peak Regulation) or RGB Peak Limitation Function ■ White Insertion ■ Copy Protection mode ■ Wide Line Blanking mode ■ SAW Filter Switch Control (TQFP64 package only) ■ Very Few External Components Device summary Device Package Application STV2246 SHRINK56 PAL/NTSC Intercarrier STV2236 TQFP64 PAL/NTSC Intercarrier STV2286 SHRINK56 PAL/NTSC Intercarrier STV2247 SHRINK56 PAL/NTSC QSS/Intercarrier STV2237 TQFP64 PAL/NTSC QSS/Intercarrier STV2248 SHRINK56 PAL/SECAM/NTSC QSS/Intercarrier AM STV2238 TQFP64 PAL/SECAM/NTSC QSS/Intercarrier AM STV2249 SHRINK56 PAL/SECAM/NTSC QSS/Intercarrier STV2239 TQFP64 PAL/SECAM/NTSC QSS/Intercarrier TQFP64 (14 x 14 x 1.4 mm) (Full Thin Plastic Quad Flat Pack) ORDER CODE: STV223XH SHRINK56 (Plastic Package) ORDER CODE: STV224XH/8XH 1 Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - STV2249 |
|
Description similaire - STV2249 |