Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2238 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STV2238
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2238 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STV2238 Datasheet HTML 73Page - STMicroelectronics STV2238 Datasheet HTML 74Page - STMicroelectronics STV2238 Datasheet HTML 75Page - STMicroelectronics STV2238 Datasheet HTML 76Page - STMicroelectronics STV2238 Datasheet HTML 77Page - STMicroelectronics STV2238 Datasheet HTML 78Page - STMicroelectronics STV2238 Datasheet HTML 79Page - STMicroelectronics STV2238 Datasheet HTML 80Page - STMicroelectronics STV2238 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
77/86
Figure 55. Vertical Output Pulse
Figure 56. Horizontal Output Pulse
VCC1 (8 V)
GND1
GND1
GND1
GND1
VERT
Pin 47 (SDIP56)
VCC1 (8 V)
GND1
GND1
GND1
HOUT
Pin 48 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86