Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2248 Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce STV2248
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2248 Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button STV2248 Datasheet HTML 71Page - STMicroelectronics STV2248 Datasheet HTML 72Page - STMicroelectronics STV2248 Datasheet HTML 73Page - STMicroelectronics STV2248 Datasheet HTML 74Page - STMicroelectronics STV2248 Datasheet HTML 75Page - STMicroelectronics STV2248 Datasheet HTML 76Page - STMicroelectronics STV2248 Datasheet HTML 77Page - STMicroelectronics STV2248 Datasheet HTML 78Page - STMicroelectronics STV2248 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
75/86
Figure 51. XTAL1 Control Pin, Vert. Amplitude DAC Output and Chroma Reference Signal Output
Figure 52. NTBC or Main CVBS Video Switch Output
VCC1 (8 V)
GND1
GND1
GND1
GND1 GND1
GND1
X1/VAMP¨/CHROUT
Pin 42 (SDIP56)
VCC1 (8 V)
GND1 GND1
GND1
NTBC/CVBSOUT1
Pin 29 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86