Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV2237 Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce STV2237
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2237 Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button STV2237 Datasheet HTML 56Page - STMicroelectronics STV2237 Datasheet HTML 57Page - STMicroelectronics STV2237 Datasheet HTML 58Page - STMicroelectronics STV2237 Datasheet HTML 59Page - STMicroelectronics STV2237 Datasheet HTML 60Page - STMicroelectronics STV2237 Datasheet HTML 61Page - STMicroelectronics STV2237 Datasheet HTML 62Page - STMicroelectronics STV2237 Datasheet HTML 63Page - STMicroelectronics STV2237 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - INPUT/OUTPUT SCHEMATIC DIAGRAMS
60/86
Figure 23. I²C Bus Data Input
Figure 24. I²C Bus Clock Input
VCCD (5V)
GNDD
GNDD
GNDD
5V
10 k
Ω
SDA
Pin 52 (SDIP56)
VCCD (5V)
GNDD
GNDD
10 k
Ω
5V
SCL
Pin 51 (SDIP56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86