Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD833F2 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce PSD833F2
Description  Flash in-system programmable (ISP) peripherals for 8-bit MCUs, 5 V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 73Page - STMicroelectronics PSD833F2 Datasheet HTML 74Page - STMicroelectronics PSD833F2 Datasheet HTML 75Page - STMicroelectronics PSD833F2 Datasheet HTML 76Page - STMicroelectronics PSD833F2 Datasheet HTML 77Page - STMicroelectronics PSD833F2 Datasheet HTML 78Page - STMicroelectronics PSD833F2 Datasheet HTML 79Page - STMicroelectronics PSD833F2 Datasheet HTML 80Page - STMicroelectronics PSD833F2 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
PSD8XXFX
I/O ports
Doc ID 7833 Rev 7
77/128
Port D pins can be configured in PSDsoft Express as input pins for other dedicated
functions:
●
Address Strobe (ALE/AS, PD0)
●
CLKIN (PD1) as input to the macrocells flip-flops and APD counter
●
PSD Chip Select input (CSI, PD2). Driving this signal high disables the Flash memory,
SRAM and CSIOP.
Figure 29.
Port D structure
16.23
External Chip Select
The CPLD also provides three External Chip Select (ECS0-ECS2) outputs on port D pins
that can be used to select external devices. Each External Chip Select (ECS0-ECS2)
consists of one product term that can be configured active high or low. The output enable of
the pin is controlled by either the output enable product term or the Direction register (see
Figure 30).
DATA OUT
REG.
DQ
DQ
WR
WR
ECS[ 2: 0]
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
DATA IN
ENABLE PRODUCT
TERM (.OE)
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
AI02889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More