Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T7200 Fiches technique(PDF) 39 Page - Intel Corporation

No de pièce T7200
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

T7200 Fiches technique(HTML) 39 Page - Intel Corporation

Back Button T7200 Datasheet HTML 35Page - Intel Corporation T7200 Datasheet HTML 36Page - Intel Corporation T7200 Datasheet HTML 37Page - Intel Corporation T7200 Datasheet HTML 38Page - Intel Corporation T7200 Datasheet HTML 39Page - Intel Corporation T7200 Datasheet HTML 40Page - Intel Corporation T7200 Datasheet HTML 41Page - Intel Corporation T7200 Datasheet HTML 42Page - Intel Corporation T7200 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
Datasheet
39
Package Mechanical Specifications and Pin Information
4
Package Mechanical
Specifications and Pin
Information
4.1
Package Mechanical Specifications
The processor will be available in 4-MB and 2-MB L2 cache versions for 478-pin micro-
FCPGA and 4-MB, 2-MB and 1-MB L2 Cache 479-ball micro-FCBGA packages. The
package mechanical dimensions are shown in Figure 6 through Figure 14. Table 12
shows a top-view of package pinout.
The micro-FCBGA package incorporates land-side capacitors. The land-side capacitors
are electrically conductive so care should be taken to avoid contacting the capacitors
with other electrically conductive materials on the motherboard. Doing so may short
the capacitors and possibly damage the device or render it inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91