Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

561 Fiches technique(PDF) 5 Page - Intel Corporation

No de pièce 561
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

561 Fiches technique(HTML) 5 Page - Intel Corporation

  561 Datasheet HTML 1Page - Intel Corporation 561 Datasheet HTML 2Page - Intel Corporation 561 Datasheet HTML 3Page - Intel Corporation 561 Datasheet HTML 4Page - Intel Corporation 561 Datasheet HTML 5Page - Intel Corporation 561 Datasheet HTML 6Page - Intel Corporation 561 Datasheet HTML 7Page - Intel Corporation 561 Datasheet HTML 8Page - Intel Corporation 561 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
Datasheet
5
Contents
Figures
2-1 Phase Lock Loop (PLL) Filter Requirements.............................................................................. 19
2-2 VCC Static and Transient Tolerance for 775_VR_CONFIG_04A............................................... 28
2-3 VCC Static and Transient Tolerance for 775_VR_CONFIG_04B............................................... 30
2-4 VCC Overshoot Example Waveform .......................................................................................... 33
3-1 Processor Package Assembly Sketch ........................................................................................ 35
3-2 Processor Package Drawing 1 ................................................................................................... 36
3-3 Processor Package Drawing 2 ................................................................................................... 37
3-4 Processor Package Drawing 3 ................................................................................................... 38
3-5 Processor Top-Side Marking Example ....................................................................................... 40
3-6 Processor Top-Side Marking Example for Processors Supporting Intel® EM64T ...................... 41
3-7 Processor Land Coordinates (Top View).................................................................................... 42
4-1 Landout Diagram (Top View – Left Side).................................................................................... 44
4-2 Landout Diagram (Top View – Right Side) ................................................................................. 45
5-1 Thermal Profile for Processors with PRB = 1 ............................................................................. 77
5-2 Thermal Profile for Processors with PRB = 0 ............................................................................. 78
5-3 Case Temperature (TC) Measurement Location ........................................................................ 79
5-4 Thermal Monitor 2 Frequency and Voltage Ordering ................................................................. 81
6-1 Processor Low Power State Machine......................................................................................... 87
7-1 Mechanical Representation of the Boxed Processor.................................................................. 89
7-2 Space Requirements for the Boxed Processor (Side View) ....................................................... 90
7-3 Space Requirements for the Boxed Processor (Top View) ........................................................ 90
7-4 Space Requirements for the Boxed Processor (Overall View) ................................................... 91
7-5 Boxed Processor Fan Heatsink Power Cable Connector Description ........................................ 92
7-6 Baseboard Power Header Placement Relative to Processor Socket ......................................... 93
7-7 Boxed Processor Fan Heatsink Airspace Keepout Requirements (Top View) ........................... 94
7-8 Boxed Processor Fan Heatsink Airspace Keepout Requirements (Side View) .......................... 94
7-9 Boxed Processor Fan Heatsink Set Points................................................................................. 95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96