Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

360 Fiches technique(PDF) 73 Page - Intel Corporation

No de pièce 360
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

360 Fiches technique(HTML) 73 Page - Intel Corporation

Back Button 360 Datasheet HTML 69Page - Intel Corporation 360 Datasheet HTML 70Page - Intel Corporation 360 Datasheet HTML 71Page - Intel Corporation 360 Datasheet HTML 72Page - Intel Corporation 360 Datasheet HTML 73Page - Intel Corporation 360 Datasheet HTML 74Page - Intel Corporation 360 Datasheet HTML 75Page - Intel Corporation 360 Datasheet HTML 76Page - Intel Corporation 360 Datasheet HTML 77Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
Datasheet
73
Land Listing and Signal Descriptions
§ §
VSS_MB_
REGULATION
Output
This land is provided as a voltage regulator feedback sense point for
VSS. It is connected internally in the processor package to the sense
point land V27 as described in the Voltage Regulator-Down (VRD)
10.1 Design Guide for Desktop Socket 775.
VTT
Miscellaneous voltage supply.
VTT_OUT_LEFT
VTT_OUT_RIGHT
Output
The VTT_OUT_LEFT and VTT_OUT_RIGHT signals are included to
provide a voltage supply for some signals that require termination to
VTT on the motherboard.
VTT_SEL
Output
The VTT_SEL signal is used to select the correct VTT voltage level for
the processor. This land is connected internally in the package to
VTT.
VTTPWRGD
Input
The processor requires this input to determine that the VTT voltages
are stable and within specification.
Table 25.
Signal Description (Sheet 1 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95