Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

352 Fiches technique(PDF) 90 Page - Intel Corporation

No de pièce 352
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

352 Fiches technique(HTML) 90 Page - Intel Corporation

Back Button 352 Datasheet HTML 86Page - Intel Corporation 352 Datasheet HTML 87Page - Intel Corporation 352 Datasheet HTML 88Page - Intel Corporation 352 Datasheet HTML 89Page - Intel Corporation 352 Datasheet HTML 90Page - Intel Corporation 352 Datasheet HTML 91Page - Intel Corporation 352 Datasheet HTML 92Page - Intel Corporation 352 Datasheet HTML 93Page - Intel Corporation 352 Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
Boxed Processor Specifications
90
Datasheet
Clearance is required around the fan heatsink to ensure unimpeded airflow for proper
cooling. The physical space requirements and dimensions for the boxed processor with
assembled fan heatsink are shown in Figure 17 (Side View), and Figure 18 (Top View).
The airspace requirements for the boxed processor fan heatsink must also be
incorporated into new baseboard and system designs. Airspace requirements are
shown in Figure 22 and Figure 23. Note that some figures have centerlines shown
(marked with alphabetic designations) to clarify relative dimensioning.
NOTES:
1.
The boxed Celeron D processor in the 775-land package cooling solution with clip is
currently under development and, at this time, is preliminary. The diagrams shown may
not reflect the final product.
2.
Diagram does not show the attached hardware for the clip design and is provided only as a
mechanical representation.
Figure 17.
Space Requirements for the Boxed Processor (Side View: applies to all four
side views)
Figure 18.
Space Requirements for the Boxed Processor (Top View)
95.0
[3.74]
10.0
[0.39]
25.0
[0.98]
81.3
[3.2]
95.0
[3.74]
95.0
[3.74]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95