Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

335 Fiches technique(PDF) 47 Page - Intel Corporation

No de pièce 335
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

335 Fiches technique(HTML) 47 Page - Intel Corporation

Back Button 335 Datasheet HTML 43Page - Intel Corporation 335 Datasheet HTML 44Page - Intel Corporation 335 Datasheet HTML 45Page - Intel Corporation 335 Datasheet HTML 46Page - Intel Corporation 335 Datasheet HTML 47Page - Intel Corporation 335 Datasheet HTML 48Page - Intel Corporation 335 Datasheet HTML 49Page - Intel Corporation 335 Datasheet HTML 50Page - Intel Corporation 335 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
Pin Listing and Signal Descriptions
Datasheet
47
VSS
F10
Power/Other
VSS
F12
Power/Other
VSS
F14
Power/Other
VSS
F16
Power/Other
VSS
F18
Power/Other
VSS
F2
Power/Other
VSS
F22
Power/Other
VSS
F25
Power/Other
VSS
F5
Power/Other
VSS
F8
Power/Other
VSS
G21
Power/Other
VSS
G24
Power/Other
VSS
G3
Power/Other
VSS
G6
Power/Other
VSS
H1
Power/Other
VSS
H23
Power/Other
VSS
H26
Power/Other
VSS
H4
Power/Other
VSS
J2
Power/Other
VSS
J22
Power/Other
VSS
J25
Power/Other
VSS
J5
Power/Other
VSS
K21
Power/Other
VSS
K24
Power/Other
VSS
K3
Power/Other
VSS
K6
Power/Other
VSS
L1
Power/Other
VSS
L23
Power/Other
VSS
L26
Power/Other
VSS
L4
Power/Other
VSS
M2
Power/Other
VSS
M22
Power/Other
VSS
M25
Power/Other
VSS
M5
Power/Other
VSS
N21
Power/Other
VSS
N24
Power/Other
VSS
N3
Power/Other
VSS
N6
Power/Other
VSS
P2
Power/Other
VSS
P22
Power/Other
VSS
P25
Power/Other
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction
VSS
P5
Power/Other
VSS
R1
Power/Other
VSS
R23
Power/Other
VSS
R26
Power/Other
VSS
R4
Power/Other
VSS
T21
Power/Other
VSS
T24
Power/Other
VSS
T3
Power/Other
VSS
T6
Power/Other
VSS
U2
Power/Other
VSS
U22
Power/Other
VSS
U25
Power/Other
VSS
U5
Power/Other
VSS
V1
Power/Other
VSS
V23
Power/Other
VSS
V26
Power/Other
VSS
V4
Power/Other
VSS
W21
Power/Other
VSS
W24
Power/Other
VSS
W3
Power/Other
VSS
W6
Power/Other
VSS
Y2
Power/Other
VSS
Y22
Power/Other
VSS
Y25
Power/Other
VSS
Y5
Power/Other
VSSA
AD22
Power/Other
VSS_SENSE
A4
Power/Other
Output
Table 4-1. Alphabetical Pin Assignment
Pin Name
Pin #
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82