Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD4235G2V Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce PSD4235G2V
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button PSD4235G2V_09 Datasheet HTML 17Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 18Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 19Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 20Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 21Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 22Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 23Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 24Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
PSD4235G2V
Development system
21/124
Figure 4.
PSDsoft Express development tool
Merge MCU Firmware
with PSD Configuration
PSD Programmer
*.OBJ FILE
PSDPro, or
FlashLINK (JTAG)
A composite object file is created
containing MCU firmware and
PSD configuration
C Code Generation
GENERATE C CODE
SPECIFIC TO PSD
FUNCTIONS
USER'S CHOICE OF
MICROCONTROLLER
COMPILER/LINKER
*.OBJ FILE
AVAILABLE
FOR 3rd PARTY
PROGRAMMERS
(CONVENTIONAL or
JTAG-ISC)
MCU FIRMWARE
HEX OR S-RECORD
FORMAT
AI04919
Define General Purpose
Logic in CPLD
Point and click definition of combin-
atorial and registered logic in CPLD.
Access HDL is available if needed
Define PSD Pin and
Node Functions
Point and click definition of
PSD pin functions, internal nodes,
and MCU system memory map
Choose MCU and PSD
Automatically configures MCU
bus interface and other
PSD attributes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More