Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9552BCPZ Fiches technique(PDF) 14 Page - Analog Devices

No de pièce AD9552BCPZ
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9552BCPZ Fiches technique(HTML) 14 Page - Analog Devices

Back Button AD9552BCPZ Datasheet HTML 10Page - Analog Devices AD9552BCPZ Datasheet HTML 11Page - Analog Devices AD9552BCPZ Datasheet HTML 12Page - Analog Devices AD9552BCPZ Datasheet HTML 13Page - Analog Devices AD9552BCPZ Datasheet HTML 14Page - Analog Devices AD9552BCPZ Datasheet HTML 15Page - Analog Devices AD9552BCPZ Datasheet HTML 16Page - Analog Devices AD9552BCPZ Datasheet HTML 17Page - Analog Devices AD9552BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD9552
Rev. C | Page 14 of 32
Table 10. Output Frequency Selection Pins
Y5
Y4
Y3
Y2
Y1
Y0
VCO Frequency (MHz)
Output (MHz)
0
0
0
0
0
0
3732.48
51.84
0
0
0
0
0
1
3888
54
0
0
0
0
1
0
3840
60
0
0
0
0
1
1
3932.16
61.44
0
0
0
1
0
0
3750
62.5
0
0
0
1
0
1
3733.296
66.666
0
0
0
1
1
0
3560.439
74.17582
0
0
0
1
1
1
3564
74.25
0
0
1
0
0
0
3732.48
77.76
0
0
1
0
0
1
3932.16
98.304
0
0
1
0
1
0
4000
100
0
0
1
0
1
1
3825
106.25
0
0
1
1
0
0
3840
120
0
0
1
1
0
1
4000
125
0
0
1
1
1
0
3724
133
0
0
1
1
1
1
3732.48
155.52
0
1
0
0
0
0
3750
156.25
0
1
0
0
0
1
3825
159.375
0
1
0
0
1
0
3867.188
161.1328125
0
1
0
0
1
1
3944.531
10518.75/64
0
1
0
1
0
0
3999.086
155.52 × (15/14)
0
1
0
1
0
1
4015.959
155.52 × (255/237)
0
1
0
1
1
0
4023.878
167.6616
0
1
0
1
1
1
3554.742
177.7371
0
1
1
0
0
0
3932.16
245.76
0
1
1
0
0
1
4000
250
0
1
1
0
1
0
3732.48
311.04
0
1
1
0
1
1
3840
320
0
1
1
1
0
0
4000
400
0
1
1
1
0
1
3471.4
433.925
0
1
1
1
1
0
3718.75
531.25
0
1
1
1
1
1
3763.2
537.6
1
0
0
0
0
0
3984.375
569.1964
1
0
0
0
0
1
3732.48
622.08
1
0
0
0
1
0
3748.229
624.7048
1
0
0
0
1
1
3750
625
1
0
0
1
0
0
3763.978
622.08 × (239/237)
1
0
0
1
0
1
3779.927
629.9878
1
0
0
1
1
0
3840
640
1
0
0
1
1
1
3849.12
641.52
1
0
1
0
0
0
3867.188
625 × (66/64)
1
0
1
0
0
1
3944.531
657.421875
1
0
1
0
1
0
3961.105
657.421875 × (239/238)
1
0
1
0
1
1
3999.086
622.08 × (15/14)
1
0
1
1
0
0
4014.769
669.1281
1
0
1
1
0
1
4015.959
622.08 × (255/237)
1
0
1
1
1
0
4017.857
625 × (15/14)
1
0
1
1
1
1
4025.032
670.8386
1
1
0
0
0
0
4032.976
622.08 × (255/236)
1
1
0
0
0
1
3452.846
625 × (66/64) × (15/14)
1
1
0
0
1
0
3467.415
625 × (255/237) × (66/64)
1
1
0
0
1
1
3468.75
693.75
1
1
0
1
0
0
3481.996
622.08 × (253/226)
1
1
0
1
0
1
3521.903
657.421875 × (255/238)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32