Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VND10N06 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VND10N06
Description  fully autoprotected Power MOSFET
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND10N06 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VND10N06 Datasheet HTML 17Page - STMicroelectronics VND10N06 Datasheet HTML 18Page - STMicroelectronics VND10N06 Datasheet HTML 19Page - STMicroelectronics VND10N06 Datasheet HTML 20Page - STMicroelectronics VND10N06 Datasheet HTML 21Page - STMicroelectronics VND10N06 Datasheet HTML 22Page - STMicroelectronics VND10N06 Datasheet HTML 23Page - STMicroelectronics VND10N06 Datasheet HTML 24Page - STMicroelectronics VND10N06 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
VND10N06 / VND10N06-1
Package and packing information
21/25
5.4
DPAK packing information
The devices can be packed in tube or tape and reel shipments (see the Device summary on
page 1 ).
Figure 30.
DPAK footprint
Figure 31.
DPAK tube shipment (no suffix)
A
C
B
All dimensions are in mm.
Base Q.ty
75
Bulk Q.ty
3000
Tube length (± 0.5)
532
A
6
B
21.3
C (± 0.1)
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25