Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z550 Fiches technique(PDF) 21 Page - Intel Corporation

No de pièce Z550
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

Z550 Fiches technique(HTML) 21 Page - Intel Corporation

Back Button Z550 Datasheet HTML 17Page - Intel Corporation Z550 Datasheet HTML 18Page - Intel Corporation Z550 Datasheet HTML 19Page - Intel Corporation Z550 Datasheet HTML 20Page - Intel Corporation Z550 Datasheet HTML 21Page - Intel Corporation Z550 Datasheet HTML 22Page - Intel Corporation Z550 Datasheet HTML 23Page - Intel Corporation Z550 Datasheet HTML 24Page - Intel Corporation Z550 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Low Power Features
Datasheet
21
Figure 5 shows the relative exit latencies of the package sleep states discussed above.
Note: Figure 5 uses pre-silicon estimates. Silicon based data will be provided in a future
revision of this document.
Figure 5. Exit Latency Table
Latency (µs)
C0 (HFM)
C0 (LFM)
C1
Both threads halted
Most clocks off
C1E
C1 plus frequency and
VID at LFM
C2
Similar to C1 but Intel®
SCH blocks interrupts
C4
C2 plus PLLs off; VID =
cache retention Vcc
Some L2 cache off
C6
C2 plus PLLs off; VID =
C6 powerdown Vcc
L2 cache off
0
0.1
1
10
100
0
TDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73