| Moteur de recherche de fiches techniques de composants électroniques |
|
M95128-RMB3P/PC Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-RMB3P/PC Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 44 page ![]() March 2010 Doc ID 5798 Rev 13 1/44 1 M95128 M95128-W M95128-R 128 Kbit serial SPI bus EEPROM with high speed clock Features ■ Compatible with SPI bus serial interface (positive clock SPI modes) ■ Single supply voltage: – 4.5 to 5.5 V for M95128 – 2.5 to 5.5 V for M95128-W – 1.8 to 5.5 V for M95128-R ■ High speed – 10 MHz clock rate, 5 ms write time ■ Status Register ■ Hardware protection of the Status Register ■ Byte and Page Write (up to 64 bytes) ■ Self-timed programming cycle ■ Adjustable size read-only EEPROM area ■ Enhanced ESD protection ■ More than 1 000 000 write cycles ■ More than 40-year data retention ■ Packages –ECOPACK2® (RoHS compliant and Halogen-free) SO8 (MN) 150 mil width TSSOP8 (DW) 169 mil width UFDFPN8 (MB) 2 × 3 mm www.st.com |
Numéro de pièce similaire - M95128-RMB3P/PC |
|
Description similaire - M95128-RMB3P/PC |