Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E2000 Fiches technique(PDF) 7 Page - Intel Corporation

No de pièce E2000
Description  Intel Pentium Dual-Core Desktop Processor
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

E2000 Fiches technique(HTML) 7 Page - Intel Corporation

Back Button E2000 Datasheet HTML 3Page - Intel Corporation E2000 Datasheet HTML 4Page - Intel Corporation E2000 Datasheet HTML 5Page - Intel Corporation E2000 Datasheet HTML 6Page - Intel Corporation E2000 Datasheet HTML 7Page - Intel Corporation E2000 Datasheet HTML 8Page - Intel Corporation E2000 Datasheet HTML 9Page - Intel Corporation E2000 Datasheet HTML 10Page - Intel Corporation E2000 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
Datasheet
7
Intel® Pentium® Dual-Core Desktop
Processor E2000Δ Series
The Intel Pentium® Dual-Core desktop processor E2000 series deliver Intel's advanced, powerful
processors for desktop PCs. The processor is designed to deliver performance across applications and
usages where end-users can truly appreciate and experience the performance. These applications
include Internet audio and streaming video, image processing, video content creation, speech, 3D,
CAD, games, multimedia, and multitasking user environments.
Intel® 64 architecture enables the processor to execute operating systems and applications written to
take advantage of the Intel 64 architecture. The processor supporting Enhanced Intel SpeedStep®
technology allows tradeoffs to be made between performance and power consumption.
The Intel Pentium® Dual-Core desktop processor E2000 series also includes the Execute Disable Bit
capability. This feature, combined with a supported operating system, allows memory to be marked
as executable or non-executable.
§ §
• Available at 2.4 GHz, 2.2 GHz, 2.0 GHz,
1.80 GHz, and 1.60 GHz
• Enhanced Intel SpeedStep® Technology
•Supports Intel® 64 architecture
• Supports Execute Disable Bit capability
• Binary compatible with applications running
on previous members of the Intel
microprocessor line
• FSB frequency at 800 MHz
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• Two 32-KB Level 1 data caches
• 1 MB Advanced Smart Cache
• Advanced Digital Media Boost
• Enhanced floating point and multimedia unit
for enhanced video, audio, encryption, and 3D
performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved
cache hit rate on load/store operations
• 775-land Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More