Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

450 Fiches technique(PDF) 15 Page - Intel Corporation

No de pièce 450
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

450 Fiches technique(HTML) 15 Page - Intel Corporation

Back Button 450 Datasheet HTML 11Page - Intel Corporation 450 Datasheet HTML 12Page - Intel Corporation 450 Datasheet HTML 13Page - Intel Corporation 450 Datasheet HTML 14Page - Intel Corporation 450 Datasheet HTML 15Page - Intel Corporation 450 Datasheet HTML 16Page - Intel Corporation 450 Datasheet HTML 17Page - Intel Corporation 450 Datasheet HTML 18Page - Intel Corporation 450 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
Datasheet
15
Electrical Specifications
Table 2.
Voltage Identification Definition
VID
6
VID
5
VID
4
VID
3
VID
2
VID
1
VCC_MAX
VID
6
VID
5
VID
4
VID
3
VID
2
VID
1
VCC_MAX
11110
1
0.8500
01111
0
1.2375
11110
0
0.8625
01110
1
1.2500
11101
1
0.8750
01110
0
1.2625
11101
0
0.8875
01101
1
1.2750
11100
1
0.9000
01101
0
1.2875
11100
0
0.9125
01100
1
1.3000
11011
1
0.9250
01100
0
1.3125
11011
0
0.9375
01011
1
1.3250
11010
1
0.9500
01011
0
1.3375
1
1
0
1
0
0
0.9625
01010
1
1.3500
1
1
0
0
1
1
0.9750
01010
0
1.3625
1
1
0
0
1
0
0.9875
01001
1
1.3750
1
1
0
0
0
1
1.0000
01001
0
1.3875
1
1
0
0
0
0
1.0125
0
1
0
0
0
11.4000
10111
1
1.0250
01000
0
1.4125
10111
0
1.0375
00111
1
1.4250
10110
1
1.0500
00111
0
1.4375
10110
0
1.0625
00110
1
1.4500
10101
1
1.0750
00110
0
1.4625
10101
0
1.0875
00101
1
1.4750
10100
1
1.1000
00101
0
1.4875
10100
0
1.1125
00100
1
1.5000
10011
1
1.1250
00100
0
1.5125
10011
0
1.1375
00011
1
1.5250
10010
1
1.1500
00011
0
1.5375
10010
0
1.1625
00010
1
1.5500
10001
1
1.1750
00010
0
1.5625
10001
0
1.1875
00001
1
1.5750
10000
1
1.2000
00001
0
1.5875
10000
0
1.2125
00000
1
1.6000
01111
1
1.2250
00000
0
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100