Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95128-DW3P/PC Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M95128-DW3P/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DW3P/PC Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button M95128-DW3P/PC Datasheet HTML 2Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 3Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 4Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 5Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 6Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 7Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 8Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 9Page - STMicroelectronics M95128-DW3P/PC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Description
M95128, M95128-W, M95128-R
6/44
Doc ID 5798 Rev 13
1
Description
The M95128, M95128-W and M95128-R are electrically erasable programmable memory
(EEPROM) devices accessed by a high speed SPI-compatible bus. The memory array is
organized as 16384 × 8 bits.
The device is accessed by a simple serial interface that is SPI-compatible. The bus signals
are C, D and Q, as shown in Table 1 and Figure 1.
The device is selected when Chip Select (S) is taken low. Communications with the device
can be interrupted using Hold (HOLD).
Figure 1.
Logic diagram
Figure 2.
SO, UFDFPN and TSSOP connections
1.
See Section 10: Package mechanical data for package dimensions, and how to identify pin-1.
AI12805
S
VCC
M95128
HOLD
VSS
W
Q
C
D
D
VSS
C
HOLD
Q
SVCC
W
AI12806
M95128
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44