Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3000 Fiches technique(PDF) 76 Page - Intel Corporation

No de pièce 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Fiches technique(HTML) 76 Page - Intel Corporation

Back Button 3000 Datasheet HTML 72Page - Intel Corporation 3000 Datasheet HTML 73Page - Intel Corporation 3000 Datasheet HTML 74Page - Intel Corporation 3000 Datasheet HTML 75Page - Intel Corporation 3000 Datasheet HTML 76Page - Intel Corporation 3000 Datasheet HTML 77Page - Intel Corporation 3000 Datasheet HTML 78Page - Intel Corporation 3000 Datasheet HTML 79Page - Intel Corporation 3000 Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
Thermal Specifications and Design Considerations
78
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
Table 5-3.
Thermal Profile (Dual-Core Intel® Xeon® 3070/3060 Processor
with 4 MB L2 Cache)
Power (W)
Maximum
Tc (°C)
Power
Maximum
Tc (°C)
Power
Maximum
Tc (°C)
0
43.2
24
49.4
48
55.7
2
43.7
26
50.0
50
56.2
4
44.2
28
50.5
52
56.7
6
44.8
30
51.0
54
57.2
8
45.3
32
51.5
56
57.8
10
45.8
34
52.0
58
58.3
12
46.3
36
52.6
60
58.8
14
46.8
38
53.1
62
59.3
16
47.4
40
53.6
64
59.8
18
47.9
42
54.1
65
60.1
20
48.4
44
54.6
Figure 5-2. Thermal Profile (Dual-Core Intel® Xeon® 3070/3060 Processor
with 4 MB L2 Cache)
y = 0.26x + 43.2
40.0
45.0
50.0
55.0
60.0
65.0
0
10
203040
5060
Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More