Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB-6281 Fiches technique(PDF) 22 Page - National Instruments Corporation

No de pièce USB-6281
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NI [National Instruments Corporation]
Site Internet  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6281 Fiches technique(HTML) 22 Page - National Instruments Corporation

Back Button USB-6281 Datasheet HTML 14Page - National Instruments Corporation USB-6281 Datasheet HTML 15Page - National Instruments Corporation USB-6281 Datasheet HTML 16Page - National Instruments Corporation USB-6281 Datasheet HTML 17Page - National Instruments Corporation USB-6281 Datasheet HTML 18Page - National Instruments Corporation USB-6281 Datasheet HTML 19Page - National Instruments Corporation USB-6281 Datasheet HTML 20Page - National Instruments Corporation USB-6281 Datasheet HTML 21Page - National Instruments Corporation USB-6281 Datasheet HTML 22Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
National Instruments, NI, ni.com, and LabVIEW are trademarks of National Instruments Corporation.
Refer to the Terms of Use section on ni.com/legal for more information about National
Instruments trademarks. Other product and company names mentioned herein are trademarks or trade
names of their respective companies. For patents covering National Instruments products, refer to the
appropriate location: Help»Patents in your software, the patents.txt file on your CD, or
ni.com/patents
.
© 2006–2007 National Instruments Corporation. All rights reserved.
371910D-01
Dec07
When you reconnect and power on the device, it appears as My Device in
the Found New Hardware Wizard and Windows Device Manager, as shown
in Figure 19.
Note
When the device is initially installed, the Windows alert message may display the
following: Found New Hardware: M Series USB 62xx (OEM). This message appears
for a few seconds until the custom name appears and the Found New Hardware Wizard is
launched. This alert message device name cannot be changed.
Figure 19. “My Device” in the Found New Hardware Wizard and
Device Manager (Windows 2000)
Note
Modifying the INF file will not change the USB-622x/625x/628x OEM device name
in Measurement & Automation Explorer (MAX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22