Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STU6015 Fiches technique(PDF) 2 Page - EIC discrete Semiconductors

No de pièce STU6015
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STU6015 Fiches technique(HTML) 2 Page - EIC discrete Semiconductors

  STU6015 Datasheet HTML 1Page - EIC discrete Semiconductors STU6015 Datasheet HTML 2Page - EIC discrete Semiconductors STU6015 Datasheet HTML 3Page - EIC discrete Semiconductors STU6015 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STU606I
6.12
7.48
10
5.50
1000
55.5
10.8
0.057
STU656I
6.45
7.14
10
5.80
1000
57.0
10.5
0.057
STU607F
6.75
8.25
10
6.05
500
51.0
11.7
0.061
STU657F
7.13
7.88
10
6.40
500
53.0
11.3
0.061
STU608C
7.38
9.02
10
6.63
200
48.0
12.5
0.065
STU658C
7.79
8.61
10
7.02
200
50.0
12.1
0.065
STU609B
8.19
10.0
1.0
7.37
50
44.0
13.8
0.068
STU659B
8.65
9.55
1.0
7.78
50
45.0
13.4
0.068
STU6010
9.00
11.0
1.0
8.10
10
40.0
15.0
0.073
STU6510
9.50
10.5
1.0
8.55
10
41.0
14.5
0.073
STU6011
9.90
12.1
1.0
8.92
5.0
37.0
16.2
0.075
STU6511
10.5
11.6
1.0
9.40
5.0
38.0
15.6
0.075
STU6012
10.8
13.2
1.0
9.72
5.0
35.0
17.3
0.078
STU6512
11.4
12.6
1.0
10.2
5.0
36.0
16.7
0.078
STU6013
11.7
14.3
1.0
10.5
5.0
32.0
19.0
0.081
STU6513
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
STU6015
13.5
16.5
1.0
12.1
5.0
27.0
22.0
0.084
STU6515
14.3
15.8
1.0
12.8
5.0
28.0
21.2
0.084
STU6016
14.4
17.6
1.0
12.9
5.0
26.0
23.5
0.086
STU6516
15.2
16.8
1.0
13.6
5.0
27.0
22.5
0.086
STU6018
16.2
19.8
1.0
14.5
5.0
23.0
26.5
0.088
STU6518
17.1
18.9
1.0
15.3
5.0
24.0
25.2
0.088
STU6020
18.0
22.0
1.0
16.2
5.0
21.0
29.1
0.090
STU6520
19.0
21.0
1.0
17.1
5.0
22.0
27.7
0.090
STU6022
19.8
24.2
1.0
17.8
5.0
19.0
31.9
0.092
STU6522
20.9
23.1
1.0
18.8
5.0
20.0
30.6
0.092
STU6024
21.6
26.4
1.0
19.4
5.0
17.0
34.7
0.094
STU6524
22.8
25.2
1.0
20.5
5.0
18.0
33.2
0.094
STU6027
24.3
29.7
1.0
21.8
5.0
15.0
39.1
0.096
STU6527
25.7
28.4
1.0
23.1
5.0
16.0
37.5
0.096
STU6030
27.0
33.0
1.0
24.3
5.0
14.0
43.5
0.097
STU6530
28.5
31.5
1.0
25.6
5.0
14.4
41.4
0.097
STU6033
29.7
36.3
1.0
26.8
5.0
12.6
47.7
0.098
STU6533
31.4
34.7
1.0
28.2
5.0
13.2
45.7
0.098
STU6036
32.4
39.6
1.0
29.1
5.0
11.6
52.0
0.099
STU6536
34.2
37.8
1.0
30.8
5.0
12.0
49.9
0.099
STU6039
35.1
42.9
1.0
31.6
5.0
10.6
56.4
0.100
STU6539
37.1
41.0
1.0
33.3
5.0
11.2
53.9
0.100
STU6043
38.7
47.3
1.0
34.8
5.0
9.6
61.9
0.101
STU6543
40.9
45.2
1.0
36.8
5.0
10.1
59.3
0.101
STU6047
42.3
51.7
1.0
38.1
5.0
8.9
67.8
0.101
STU6547
44.7
49.4
1.0
40.2
5.0
9.3
64.8
0.101
STU6051
45.9
56.1
1.0
41.3
5.0
8.2
73.5
0.102
STU6551
48.5
53.6
1.0
43.6
5.0
8.6
70.1
0.102
STU6056
50.4
61.6
1.0
45.4
5.0
7.4
80.5
0.103
STU6556
53.2
58.8
1.0
47.8
5.0
7.8
77.0
0.103
Page 2 of 4
Rev. 02 : March 25, 2005



Html Pages

1 2 3 4