Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB-6221 Fiches technique(PDF) 17 Page - National Instruments Corporation

No de pièce USB-6221
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NI [National Instruments Corporation]
Site Internet  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6221 Fiches technique(HTML) 17 Page - National Instruments Corporation

Back Button USB-6221 Datasheet HTML 13Page - National Instruments Corporation USB-6221 Datasheet HTML 14Page - National Instruments Corporation USB-6221 Datasheet HTML 15Page - National Instruments Corporation USB-6221 Datasheet HTML 16Page - National Instruments Corporation USB-6221 Datasheet HTML 17Page - National Instruments Corporation USB-6221 Datasheet HTML 18Page - National Instruments Corporation USB-6221 Datasheet HTML 19Page - National Instruments Corporation USB-6221 Datasheet HTML 20Page - National Instruments Corporation USB-6221 Datasheet HTML 21Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
© National Instruments Corporation
17
NI USB-622x/625x/628x OEM User Guide
Modifying the USB Device Name in Microsoft Windows
You can change how the USB-622x/625x/628x OEM device name appears
when users install the device in both the Found New Hardware Wizard that
appears when the device is initially installed and in the Windows Device
Manager.
Windows Vista/XP Users
Figure 14 depicts how a USB-6251 OEM device name appears in the
Found New Hardware Wizard and Windows Device Manager.
Figure 14. USB-6251 OEM Device in the Found New Hardware Wizard and
Device Manager (Windows Vista/XP)
To modify the device name in the Found New Hardware Wizard and
Windows Device Manager in Microsoft Windows Vista/XP, complete the
following steps.
Note
You must have NI-DAQmx 8.7 or later installed on your PC.
1.
Locate the OEMx.inf file in the y:\WINDOWS\inf\ directory,
where x is the random number assigned to the INF file by Windows,
and y:\ is the root directory where Windows is installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22