Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUP533 Fiches technique(PDF) 2 Page - EIC discrete Semiconductors

No de pièce STUP533
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STUP533 Fiches technique(HTML) 2 Page - EIC discrete Semiconductors

  STUP533 Datasheet HTML 1Page - EIC discrete Semiconductors STUP533 Datasheet HTML 2Page - EIC discrete Semiconductors STUP533 Datasheet HTML 3Page - EIC discrete Semiconductors STUP533 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STUP06I
6.12
7.48
10
5.50
1000
38.0
10.8
0.057
STUP56I
6.45
7.14
10
5.80
1000
40.0
10.5
0.057
STUP07F
6.75
8.25
10
6.05
500
36.0
11.7
0.061
STUP57F
7.13
7.88
10
6.40
500
37.0
11.3
0.061
STUP08C
7.38
9.02
10
6.63
200
33.0
12.5
0.065
STUP58C
7.79
8.61
10
7.02
200
35.0
12.1
0.065
STUP09B
8.19
10.0
1.0
7.37
50
30.0
13.8
0.068
STUP59B
8.65
9.55
1.0
7.78
50
31.0
13.4
0.068
STUP010
9.00
11.0
1.0
8.10
10
28.0
15.0
0.073
STUP510
9.50
10.5
1.0
8.55
10
29.0
14.5
0.073
STUP011
9.90
12.1
1.0
8.92
5.0
26.0
16.2
0.075
STUP511
10.5
11.6
1.0
9.40
5.0
27.0
15.6
0.075
STUP012
10.8
13.2
1.0
9.72
5.0
24.0
17.3
0.078
STUP512
11.4
12.6
1.0
10.2
5.0
25.0
16.7
0.078
STUP013
11.7
14.3
1.0
10.5
5.0
22.0
19.0
0.081
STUP513
12.4
13.7
1.0
11.1
5.0
23.0
18.2
0.081
STUP015
13.5
16.5
1.0
12.1
5.0
19.0
22.0
0.084
STUP515
14.3
15.8
1.0
12.8
5.0
20.0
21.2
0.084
STUP016
14.4
17.6
1.0
12.9
5.0
18.0
23.5
0.086
STUP516
15.2
16.8
1.0
13.6
5.0
19.0
22.5
0.086
STUP018
16.2
19.8
1.0
14.5
5.0
16.0
26.5
0.088
STUP518
17.1
18.9
1.0
15.3
5.0
17.0
25.5
0.088
STUP020
18.0
22.0
1.0
16.2
5.0
14.0
29.1
0.090
STUP520
19.0
21.0
1.0
17.1
5.0
15.0
27.7
0.090
STUP022
19.8
24.2
1.0
17.8
5.0
13.0
31.9
0.092
STUP522
20.9
23.1
1.0
18.8
5.0
14.0
30.6
0.092
STUP024
21.6
26.4
1.0
19.4
5.0
12.0
34.7
0.094
STUP524
22.8
25.2
1.0
20.5
5.0
13.0
33.2
0.094
STUP027
24.3
29.7
1.0
21.8
5.0
11.0
39.1
0.096
STUP527
25.7
28.4
1.0
23.1
5.0
11.2
37.5
0.096
STUP030
27.0
33.0
1.0
24.3
5.0
10.0
43.5
0.097
STUP530
28.5
31.5
1.0
25.6
5.0
10.0
41.4
0.097
STUP033
29.7
36.3
1.0
26.8
5.0
9.0
47.7
0.098
STUP533
31.4
34.7
1.0
28.2
5.0
9.0
45.7
0.098
STUP036
32.4
39.6
1.0
29.1
5.0
8.0
52.0
0.099
STUP536
34.2
37.8
1.0
30.8
5.0
8.4
49.9
0.099
STUP039
35.1
42.9
1.0
31.6
5.0
7.4
56.4
0.100
STUP539
37.1
41.0
1.0
33.3
5.0
7.8
53.9
0.100
STUP043
38.7
47.3
1.0
34.8
5.0
6.8
61.9
0.101
STUP543
40.9
45.2
1.0
36.8
5.0
7.1
59.3
0.101
STUP047
42.3
51.7
1.0
38.1
5.0
6.2
67.8
0.101
STUP547
44.7
49.4
1.0
40.2
5.0
6.5
64.8
0.101
STUP051
45.9
56.1
1.0
41.3
5.0
5.7
73.5
0.102
STUP551
48.5
53.6
1.0
43.6
5.0
6.0
70.1
0.102
STUP056
50.4
61.6
1.0
45.4
5.0
5.2
80.5
0.103
STUP556
53.2
58.8
1.0
47.8
5.0
5.5
77.0
0.103
Page 2 of 4
Rev. 02 : March 25, 2005



Html Pages

1 2 3 4