Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUP024 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors

No de pièce STUP024
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STUP024 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors

  STUP024 Datasheet HTML 1Page - EIC discrete Semiconductors STUP024 Datasheet HTML 2Page - EIC discrete Semiconductors STUP024 Datasheet HTML 3Page - EIC discrete Semiconductors STUP024 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
W orking Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of VBR
Min.
Max.
(mA)
(V)
(
µA)
(A)
(V)
(% /
°C)
STUP062
55.8
68.2
1.0
50.2
5.0
4.7
89.0
0.104
STUP562
58.9
65.1
1.0
53.0
5.0
5.0
85.0
0.104
STUP068
61.2
74.8
1.0
55.1
5.0
4.3
98.0
0.104
STUP568
64.6
71.4
1.0
58.1
5.0
4.6
92.0
0.104
STUP075
67.5
82.5
1.0
60.7
5.0
3.9
108
0.105
STUP575
71.3
78.8
1.0
64.1
5.0
4.1
103
0.105
STUP082
73.8
90.2
1.0
66.4
5.0
3.6
118
0.105
STUP582
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
STUP091
81.9
100
1.0
73.7
5.0
3.2
131
0.106
STUP591
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
STUP0B0
90.0
110
1.0
81.0
5.0
2.9
144
0.106
STUP5B0
95.0
105
1.0
85.5
5.0
3.1
137
0.106
STUP0B1
99.0
121
1.0
89.2
5.0
2.7
158
0.107
STUP5B1
105
116
1.0
94.0
5.0
2.8
152
0.107
STUP0B2
108
132
1.0
97.2
5.0
2.4
173
0.107
STUP5B2
114
126
1.0
102
5.0
2.5
165
0.107
STUP0B3
117
143
1.0
105
5.0
2.2
187
0.107
STUP5B3
124
137
1.0
111
5.0
2.3
179
0.107
STUP0B5
135
165
1.0
121
5.0
2.0
215
0.108
STUP5B5
143
158
1.0
128
5.0
2.0
207
0.108
STUP0B6
144
176
1.0
130
5.0
1.8
230
0.108
STUP5B6
152
168
1.0
136
5.0
1.9
219
0.108
STUP0B7
153
187
1.0
138
5.0
1.7
244
0.108
STUP5B7
162
179
1.0
145
5.0
1.8
234
0.108
STUP0B8
162
198
1.0
146
5.0
1.6
258
0.108
STUP5B8
171
189
1.0
154
5.0
1.7
246
0.108
STUP0D0
180
220
1.0
162
5.0
1.5
287
0.108
STUP5D0
190
210
1.0
171
5.0
1.53
274
0.108
STUP0D2
198
242
1.0
175
5.0
1.16
344
0.108
STUP5D2
209
231
1.0
185
5.0
1.22
328
0.108
STUP0D5
225
275
1.0
202
5.0
1.11
360
0.110
STUP5D5
237
263
1.0
214
5.0
1.16
344
0.110
STUP0E0
270
330
1.0
243
5.0
0.93
430
0.110
STUP5E0
285
315
1.0
256
5.0
0.97
414
0.110
STUP0E5
315
385
1.0
284
5.0
0.79
504
0.110
STUP5E5
332
368
1.0
300
5.0
0.83
482
0.110
STUP0G0
360
440
1.0
324
5.0
0.70
574
0.110
STUP5G0
380
420
1.0
342
5.0
0.73
548
0.110
STUP0G4
396
484
1.0
356
5.0
0.95
631
0.110
STUP5G4
418
462
1.0
376
5.0
1.00
602
0.110
Note:
( 1 ) VBR measured after It applied for 300
µs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 25 Amps. ( 6.8 Volts thru 91Volts )
VF = 5.0 Vmax., IF = 25 Amps. ( 100 Volts thru 440 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
( 3 ) For Bipolar types moving VR of 10 Volts and under, the IR limit is doubled.
( 4 ) "STU" or "STB" will be omitted in marking on the diode.
Page 3 of 4
Rev. 02 : March 25, 2005



Html Pages

1 2 3 4