| Moteur de recherche de fiches techniques de composants électroniques |
|
M95320-R Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95320-R Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 44 page ![]() Description M95320, M95320-W, M95320-R 6/44 Doc ID 5711 Rev 12 1 Description The M95320, M95320-W and M95320-R are electrically erasable programmable memory (EEPROM) devices. They are accessed by a high-speed SPI-compatible bus. The devices are 32 Kbit devices organized as 4096 × 8 bits. The device is accessed by a simple serial interface that is SPI-compatible. The bus signals are C, D and Q, as shown in Table 1 and Figure 1. The device is selected when Chip Select (S) is taken low. Communications with the device can be interrupted using Hold (HOLD). Figure 1. Logic diagram Figure 2. 8-pin package connections 1. See Package mechanical data section for package dimensions and how to identify pin-1. AI01789C S VCC M95xxx HOLD VSS W Q C D D VSS C HOLD Q SVCC W AI01790D M95xxx 1 2 3 4 8 7 6 5 |