| Moteur de recherche de fiches techniques de composants électroniques |
|
CLP200M Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
CLP200M Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 21 page ![]() 1/21 CLP200M OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE Application Specific Discretes A.S.D. PowerSO-10TM NC FS TIPS RINGS TIPL TIPL TIPL RING L RING L RING L TAB is connected to GND 1 SCHEMATIC DIAGRAM July 2003- Ed : 4B ® Any telecom equipment submitted to transient overvoltages and lightning strikes such as : s Analog and ISDN line cards s PABX s Main Distribution Frames s Primary protection modules MAIN APPLICATIONS The CLP200M is designed to protect telecommu- nication equipment. It provides both a transient overvoltage protection and an overcurrent protec- tion. It is housed in a PowerSO-10 TM package. DESCRIPTION s Dual bidirectional protection device. s High peak pulse current : ipp = 100a (10/1000 µs surge) s Max. voltage at switching-on : 290v s Min. current at switching-off : 150ma s Failure status output pin FEATURES s Both primary and secondary protection levels in one device. s Voltage and current controlled suppression. s Surface Mounting with PowerSO-10TM package. s Line card cost reduction thanks to the very low power rating of external components required : balanced resistors, ring relay, low voltage SLIC protection BENEFITS Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - CLP200M |
|
Description similaire - CLP200M |