| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC24FJ64GA Fiches technique(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ64GA Fiches technique(HTML) 17 Page - Microchip Technology |
|
17 / 262 page ![]() © 2008 Microchip Technology Inc. Preliminary DS39881C-page 15 PIC24FJ64GA004 FAMILY RP0 4 1 21 I/O ST Remappable Peripheral. RP1 5 2 22 I/O ST RP2 6 3 23 I/O ST RP3 7 4 24 I/O ST RP4 11 8 33 I/O ST RP5 14 11 41 I/O ST RP6 15 12 42 I/O ST RP7 16 13 43 I/O ST RP8 17 14 44 I/O ST RP9 18 15 1 I/O ST RP10 21 18 8 I/O ST RP11 22 19 9 I/O ST RP12 23 20 10 I/O ST RP13 24 21 11 I/O ST RP14 25 22 14 I/O ST RP15 26 23 15 I/O ST RP16 — — 25 I/O ST RP17 — — 26 I/O ST RP18 — — 27 I/O ST RP19 — — 36 I/O ST RP20 — — 37 I/O ST RP21 — — 38 I/O ST RP22 — — 2 I/O ST RP23 — — 3 I/O ST RP24 — — 4 I/O ST RP25 — — 5 I/O ST RTCC 25 22 14 O — Real-Time Clock Alarm Output. SCL1 17 14 44 I/O I2C I2C1 Synchronous Serial Clock Input/Output. SCL2 7 4 24 I/O I2C I2C2 Synchronous Serial Clock Input/Output. SDA1 18 15 1 I/O I2C I2C1 Data Input/Output. SDA2 6 3 23 I/O I2C I2C2 Data Input/Output. SOSCI 11 8 33 I ANA Secondary Oscillator/Timer1 Clock Input. SOSCO 12 9 34 O ANA Secondary Oscillator/Timer1 Clock Output. TABLE 1-2: PIC24FJ64GA004 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Function Pin Number I/O Input Buffer Description 28-Pin SPDIP/ SSOP/SOIC 28-Pin QFN 44-Pin QFN/TQFP Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer Note 1: Alternative multiplexing when the I2C1SEL Configuration bit is cleared. |