| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP98243 Fiches technique(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP98243 Fiches technique(HTML) 47 Page - Microchip Technology |
|
47 / 62 page ![]() © 2009 Microchip Technology Inc. DS22153C-page 47 MCP9843/98243 7.0 PACKAGING INFORMATION 7.1 Package Marking Information 8-Lead 2x3x0.9 DFN Example : 8-Lead TSSOP Example: XXXX XYWW NNN 243B E944 256 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead 2x3x0.75 TDFN Example : 8-Lead 2x3x0.5 UDFN Example : XXX YWW NN ABZ 944 25 XXX YWW NN AAG 944 25 XXX YWW NN AAA 944 25 Part Number Code MCP9843-BE/MC AGK MCP9843T-BE/MC AGK MCP98243-BE/MC ABZ MCP98243T-BE/MC ABZ Part Number Code MCP9843T-BE/MNY AAK MCP98243T-BE/MNY AAG Part Number Code MCP98243T-BE/MUY AAA Part Number Code MCP9843-BE/ST 05AB MCP9843T-BE/ST 05AB MCP98243-BE/ST 243B MCP98243T-BE/ST 243B |