Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L293DD Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L293DD
Description  PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293DD Fiches technique(HTML) 5 Page - STMicroelectronics

  L293DD Datasheet HTML 1Page - STMicroelectronics L293DD Datasheet HTML 2Page - STMicroelectronics L293DD Datasheet HTML 3Page - STMicroelectronics L293DD Datasheet HTML 4Page - STMicroelectronics L293DD Datasheet HTML 5Page - STMicroelectronics L293DD Datasheet HTML 6Page - STMicroelectronics L293DD Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
20.0
0.787
E
8.80
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
Powerdip 16
OUTLINE AND
MECHANICAL DATA
L293D - L293DD
5/7



Html Pages

1 2 3 4 5 6 7