| Moteur de recherche de fiches techniques de composants électroniques |
|
PCA88021 Fiches technique(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA88021 Fiches technique(HTML) 10 Page - NXP Semiconductors |
|
10 / 34 page ![]() PCA8802_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 19 February 2009 10 of 34 NXP Semiconductors PCA8802 Smartcard RTC 9.5.2 Bit transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as a control signal. Bit transfer is shown in Figure 13. 9.5.3 Bit order Data is transferred MSB first. 9.5.4 START and STOP conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition (P). The START and STOP conditions are shown in Figure 15. The data on SDA is sampled with the rising edge of SCL. Data is output to SDA on the falling edge of SCL. 9.5.5 System configuration A device generating a message is a transmitter, a device receiving a message is the receiver. The device that controls the message is the master and the device which is controlled by the master is the slave. Fig 13. Bit transfer mba607 data line stable; data valid change of data allowed SDA SCL Fig 14. Bit transfer 001aaj212 MSB b7 b6 b5 b4 b3 b2 b1 b0 LSB Fig 15. Definition of START and STOP conditions mbc622 SDA SCL P STOP condition SDA SCL S START condition |