| Moteur de recherche de fiches techniques de composants électroniques |
|
74LVC2T45GS Fiches technique(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2T45GS Fiches technique(HTML) 14 Page - NXP Semiconductors |
|
14 / 36 page ![]() 74LVC_LVCH2T45 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 4 — 20 August 2010 14 of 36 NXP Semiconductors 74LVC2T45; 74LVCH2T45 Dual supply translating transceiver; 3-state tPZL OFF-state to LOW propagation delay DIR to A [1] - 43.5 - 39.9 - 26.9 - 25.3 - 22.6 ns DIR to B [1] - 38.0 - 34.7 - 28.3 - 26.8 - 26.6 ns VCC(A) = 2.3 V to 2.7 V tPLH LOW to HIGH propagation delay A to B 2.0 19.7 2.0 17.6 1.3 9.4 1.1 6.9 0.9 5.3 ns B to A 1.8 14.9 1.9 10.3 1.3 9.4 1.2 8.8 0.9 8.3 ns tPHL HIGH to LOW propagation delay A to B 2.0 17.4 1.8 14.2 1.2 8.3 1.1 6.0 0.8 5.1 ns B to A 1.6 13.0 1.7 9.4 1.2 8.3 1.1 7.7 0.8 6.9 ns tPHZ HIGH to OFF-state propagation delay DIR to A 1.8 9.0 1.8 9.0 1.8 9.0 1.8 9.0 1.8 9.0 ns DIR to B 2.7 24.8 2.7 23.6 2.2 12.1 2.5 10.3 2.0 7.6 ns tPLZ LOW to OFF-state propagation delay DIR to A 1.5 6.4 1.5 6.4 1.5 6.4 1.5 6.4 1.5 6.4 ns DIR to B 2.0 16.1 2.2 14.6 1.8 9.9 2.2 9.3 1.6 6.4 ns tPZH OFF-statetoHIGH propagation delay DIR to A [1] - 31.0 - 24.9 - 19.3 - 18.1 - 14.7 ns DIR to B [1] - 26.1 - 24.0 - 15.8 - 13.3 - 11.7 ns tPZL OFF-state to LOW propagation delay DIR to A [1] - 37.8 - 33.0 - 20.4 - 18.0 - 14.5 ns DIR to B [1] - 26.4 - 23.2 - 17.3 - 15.0 - 14.1 ns VCC(A) = 3.0V to 3.6V tPLH LOW to HIGH propagation delay A to B 2.0 18.9 1.8 17.1 1.2 8.8 0.7 6.2 0.6 4.9 ns B to A 1.5 13.0 1.5 8.0 1.1 6.9 0.6 6.2 0.5 6.0 ns tPHL HIGH to LOW propagation delay A to B 1.9 17.2 1.8 13.9 1.1 7.7 0.7 5.5 0.6 4.4 ns B to A 1.5 12.0 1.6 7.9 1.1 6.0 0.7 5.5 0.6 5.0 ns tPHZ HIGH to OFF-state propagation delay DIR to A 2.0 8.1 2.0 8.1 2.0 8.1 2.0 8.1 2.4 8.1 ns DIR to B 2.6 19.8 2.6 18.2 2.0 11.2 2.4 9.5 1.9 7.0 ns tPLZ LOW to OFF-state propagation delay DIR to A 1.8 6.2 1.8 6.2 1.8 6.2 1.8 6.2 1.8 6.2 ns DIR to B 2.0 15.0 2.1 13.8 1.7 8.6 2.0 7.9 1.5 5.4 ns tPZH OFF-statetoHIGH propagation delay DIR to A [1] - 28.0 - 21.8 - 15.5 - 14.1 - 11.4 ns DIR to B [1] - 25.1 - 23.3 - 15.0 - 12.4 - 11.1 ns tPZL OFF-state to LOW propagation delay DIR to A [1] - 31.8 - 26.1 - 17.2 - 15.0 - 12.0 ns DIR to B [1] - 25.3 - 22.0 - 15.8 - 13.6 - 12.5 ns VCC(A) = 4.5V to 5.5V tPLH LOW to HIGH propagation delay A to B 1.9 18.3 1.7 16.7 0.9 8.3 0.6 6.0 0.4 4.3 ns B to A 1.4 11.6 1.2 7.5 0.9 5.3 0.6 4.9 0.4 4.3 ns tPHL HIGH to LOW propagation delay A to B 2.0 16.9 1.6 13.5 0.9 6.9 0.6 5.0 0.4 3.9 ns B to A 1.5 11.9 1.5 7.7 0.8 5.1 0.6 4.4 0.4 3.9 ns tPHZ HIGH to OFF-state propagation delay DIR to A 1.5 6.0 1.5 6.0 1.5 6.0 1.5 6.0 1.5 6.0 ns DIR to B 2.6 19.1 2.6 17.8 2.0 10.7 2.4 8.8 2.2 6.3 ns tPLZ LOW to OFF-state propagation delay DIR to A 1.2 4.1 1.2 4.1 1.1 4.1 0.9 4.1 0.8 4.1 ns DIR to B 2.0 14.5 2.1 13.4 1.7 8.2 2.0 7.7 1.6 5.0 ns Table 13. Dynamic characteristics for temperature range −40 °C to +125 °C …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9; for wave forms see Figure 7 and Figure 8. Symbol Parameter Conditions VCC(B) Unit 1.5 V ± 0.1 V 1.8 V ± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V Min Max Min Max Min Max Min Max Min Max |