Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2T45GD Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce 74LVC2T45GD
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45GD Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button 74LVC2T45GD Datasheet HTML 21Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 22Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 23Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 24Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 25Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 26Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 27Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 28Page - NXP Semiconductors 74LVC2T45GD Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
25 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
14.4 Enable times
Calculate the enable times for the 74LVC2T45; 74LVCH2T45 using the following
formulas:
• tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
• tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
• tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
• tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
In a bidirectional application, these enable times provide the maximum delay from the
time the DIR bit is switched until an output is expected. For example, if the 74LVC2T45;
74LVCH2T45 initially is transmitting from A to B, then the DIR bit is switched, the B port of
the device must be disabled before presenting it with an input. After the B port has been
disabled, an input signal applied to it appears on the corresponding A port after the
specified propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36