Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU941P Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce BU941P
Description  High voltage ignition coil driver NPN power Darlington transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU941P Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button BU941P Datasheet HTML 4Page - STMicroelectronics BU941P Datasheet HTML 5Page - STMicroelectronics BU941P Datasheet HTML 6Page - STMicroelectronics BU941P Datasheet HTML 7Page - STMicroelectronics BU941P Datasheet HTML 8Page - STMicroelectronics BU941P Datasheet HTML 9Page - STMicroelectronics BU941P Datasheet HTML 10Page - STMicroelectronics BU941P Datasheet HTML 11Page - STMicroelectronics BU941P Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BU941, BU941P
Package mechanical data
9/12
DIM.
mm.
min.
typ
max.
A11.00
13.10
B0.9
1
7.15
C1.50
1.65
D
8.32
8.92
E
19.00
20.00
G
10.70
11.10
N
16.50
17.20
P
25.00
26.00
R4.00
4.09
U
38.50
39.30
V
30.00
30.30
TO-3 mechanical data
0015923C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12