Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP-BK7 Fiches technique(PDF) 2 Page - SHIELD s.r.l.

No de pièce MP-BK7
Description  PVC, CEI 20-22 II
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHIELD [SHIELD s.r.l.]
Site Internet  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MP-BK7 Fiches technique(HTML) 2 Page - SHIELD s.r.l.

  MP-BK7 Datasheet HTML 1Page - SHIELD s.r.l. MP-BK7 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLES - CAVI
www.shield.net
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
[5x1,00]s
MP-BK76-05XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[6x1,00]s
MP-BK76-06XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(6+1)x1,00]s
MP-BK76-07GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[7x1,00]s
MP-BK76-07XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[8x1,00]s
MP-BK76-08XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(9+1)x1,00]s
MP-BK76-10GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[10x1,00]s
MP-BK76-10XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(11+1)x1,00]s
MP-BK76-12GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[12x1,00]s
MP-BK76-12XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[14x1,00]s
MP-BK76-14XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(15+1)x1,00]s
MP-BK76-16GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[16x1,00]s
MP-BK76-16XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(17+1)x1,00]s
MP-BK76-18GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[18x1,00]s
MP-BK76-18XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[20x1,00]s
MP-BK76-20XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[2x1,50]s
MP-BK77-02XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[(2+1)x1,50]s
MP-BK77-03GA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[3x1,50]s
MP-BK77-03XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[(3+1)x1,50]s
MP-BK77-04GA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[4x1,50]s
MP-BK77-04XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[(4+1)x1,50]s
MP-BK77-05GA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[5x1,50]s
MP-BK77-05XA5
LiYCY
gy 7035
A
5
-25...+ 80
CEI 20-22 II
[6x1,50]s
MP-BK77-06XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(6+1)x1,50]s
MP-BK77-07GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[7x1,50]s
MP-BK77-07XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[8x1,50]s
MP-BK77-08XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
[(9+1)x1,50]s
MP-BK77-10GN5
LiYCY
gy 7035
N
5
-25...+ 80
CEI 20-22 II
[10x1,50]s
MP-BK77-10XC5
LiYCY
gy 7035
C
5
-25...+ 80
CEI 20-22 II
33 MP-B 2
20080908_1.pdf 65
08/09/2008 17.55.54



Html Pages

1 2