Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC1104A40 Fiches technique(PDF) 4 Page - SHIELD s.r.l.

No de pièce VC1104A40
Description  For electrovalves, style A, 2pG or 3pG, female, field attachable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHIELD [SHIELD s.r.l.]
Site Internet  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

VC1104A40 Fiches technique(HTML) 4 Page - SHIELD s.r.l.

  VC1104A40 Datasheet HTML 1Page - SHIELD s.r.l. VC1104A40 Datasheet HTML 2Page - SHIELD s.r.l. VC1104A40 Datasheet HTML 3Page - SHIELD s.r.l. VC1104A40 Datasheet HTML 4Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CONNETTORI PER ELETTROVALVOLE CON TERMINALI A VITE
Built-in gasket of elastomeric
material on the connector
mating face for easy and
safe assembling
The wires are protected
from the screw point by
the pressure plate
Guarnizione integrata in
materiale elastomerico sul
lato frontale del connettore
per un assemblaggio facile
e sicuro
I fili sono protetti dalla
punta della vite per
mezzo di una piastrina
M16 Thread
Filettatura M16
Guaranteed water
proof grade IP67
Protezione all'acqua
garantita grado IP67
Built-in gasket of elastomeric
material between screw and
housing
Guarnizione integrata in
materiale elastomerico tra
vite e custodia
CONNECTORS FOR ELECTROVALVES WITH SCREW TERMINALS
EN175301-803 (ex DIN43650)
on request
a richiesta
www.shield.net
45-19
version 090707
CONNECTORS |CONNETTORI



Html Pages

1 2 3 4